Part Number Hot Search : 
2SD1857 TPC8001 7C371 TOP201Y LS21G PS204 Q6004V4 SPC5607
Product Description
Full Text Search
 

To Download IRKH105-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I27133 rev. H 10/02
IRK.105 SERIES
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR Features
High Voltage Industrial Standard Package Thick Al metal die and double stick bonding Thick copper baseplate UL E78996 approved 3500VRMS isolating voltage
ADD-A-pakTM GEN V Power Modules
Benefits
Up to 1600V Full compatible TO-240AA High Surge capability Easy Mounting on heatsink Al203 DBC insulator Heatsink grounded
105 A
Mechanical Description
The Generation V of Add-A-pak module combine the excellent thermal performance obtained by the usage of Direct Bonded Copper substrate with superior mechanical ruggedness, thanks to the insertion of a solid Copper baseplate at the bottom side of the device. The Cu baseplate allow an easier mounting on the majority of heatsink with increased tolerance of surface roughness and improve thermal spread. The Generation V of AAP module is manufactured without hard mold, eliminating in this way any possible direct stress on the leads. The electrical terminals are secured against axial pull-out: they are fixed to the module housing via a click-stop feature already tested and proved as reliable on other IR modules.
Electrical Description
These modules are intended for general purpose high voltage applications such as high voltage regulated power supplies, lighting circuits, temperature and motor speed control circuits, UPS and battery charger.
Major Ratings and Characteristics
Parameters
I T(AV) or IF(AV) @ 85C I O(RMS) (*) ITSM @ 50Hz IFSM @ 60Hz It
2
IRK.105
105 235 1785 1870 15.91 14.52 159.1 400 to 1600 - 40 to 150 - 40 to130
Units
A A A A KA 2s KA 2s KA 2s V
o o
@ 50Hz @ 60Hz
I t V RRM range TSTG TJ
(*) As AC switch.
2
C C
www.irf.com
1
IRK.105 Series
Bulletin I27133 rev. H 10/02
ELECTRICAL SPECIFICATIONS Voltage Ratings
Type number Voltage Code 04 06 08 IRK.105 10 12 14 16
VRRM , maximum VRSM , maximum VDRM , max. repetitive repetitive non-repetitive peak off-state voltage, peak reverse voltage peak reverse voltage gate open circuit V V V
400 600 800 1000 1200 1400 1600 500 700 900 1100 1300 1500 1700 400 600 800 1000 1200 1400 1600
IRRM IDRM 130C mA
20
On-state Conduction
Parameters
IT(AV) IF(AV) Max. average on-state current (Thyristors) Max. average forward current (Diodes) IO(RMS) Max. continuous RMS on-state current. As AC switch ITSM or IFSM Max. peak, one cycle non-repetitive on-state or forward current 235 A 1785 1870 1500 1570 2000 2100 I2t Max. I2t for fusing 15.91 14.52 11.25 10.27 20.00 18.30 I2t Max. I2t for fusing (1) voltage (2) rt VTM VFM di/dt Max. value of on-state slope resistance (2) Max. peak on-state or forward voltage Max. non-repetitive rate of rise of turned on current IH IL Max. holding current Max. latching current 200 mA 400 150 A/s 1.64 V 159.1 0.80 0.85 2.37 2.25 K A2s V m KA2s t =10ms t =10ms t =10ms t =10ms t =10ms t =10ms or 105 180o conduction, half sine wave, TC = 85oC
IRK.105
Units
Conditions
I(RMS)
t =8.3ms reapplied
I(RMS)
Sinusoidal half wave, Initial TJ = TJ max.
No voltage 100% VRRM TJ = 25oC, No voltage 100% VRRM TJ = 25oC,
t =8.3ms reapplied
t =8.3ms no voltage reapplied t =8.3ms reapplied t =8.3ms reapplied t =8.3ms no voltage reapplied t = 0.1 to 10ms, no voltage reappl. TJ =TJ max Low level (3) High level (4) Low level (3) High level (4) ITM = p x IT(AV) IFM = p x IF(AV) TJ = TJ max TJ = TJ max TJ = 25C
Initial TJ = TJ max.
VT(TO) Max. value of threshold
T J = 25oC, from 0.67 VDRM, ITM =p x IT(AV), I = 500mA,
g
tr < 0.5 s, tp > 6 s TJ = 25oC, anode supply = 6V, resistive load, gate open circuit TJ = 25oC, anode supply = 6V, resistive load (3) 16.7% x p x IAV < I < p x IAV
(1) I2t for time tx = I2t x tx (4) I > p x IAV
(2) Average power = VT(TO) x IT(AV) + rt x (IT(RMS))2
2
www.irf.com
IRK.105 Series
Bulletin I27133 rev. H 10/02
Triggering
Parameters
PGM IGM Max. peak gate power
IRK. 105
12 3 3 10 4.0 2.5 1.7 270 150 80
Units
W A
Conditions
PG(AV) Max. average gate power Max. peak gate current gate voltage VGT Max. gate voltage required to trigger IGT Max. gate current required to trigger VGD IGD Max. gate voltage that will not trigger Max. gate current that will not trigger -VGM Max. peak negative
V
TJ = - 40C TJ = 25C TJ = 125C TJ = - 40C
Anode supply = 6V resistive load Anode supply = 6V resistive load
mA
TJ = 25C TJ = 125C
o
0.25 6
V mA
TJ = 125 C, rated VDRM applied TJ = 125oC, rated VDRM applied
Blocking
Parameters
IRRM IDRM VINS Max. peak reverse and off-state leakage current at VRRM, VDRM RMS isolation voltage 2500 (1 min) V 3500 (1 sec) dv/dt Max. critical rate of rise of off-state voltage (5) 500 V/s shorted TJ = 130oC, linear to 0.67 VDRM, gate open circuit 50 Hz, circuit to base, all terminals 20 mA TJ = 130oC, gate open circuit
IRK.105
Units
Conditions
(5) Available with dv/dt = 1000V/ms, to complete code add S90 i.e. IRKT105/16AS90.
Thermal and Mechanical Specifications
Parameters
TJ Tstg Junction operating temperature range Storage temp. range
IRK.105
- 40 to 130
Units
Conditions
C - 40 to 150
RthJC Max. internal thermal resistance, junction to case RthCS Typical thermal resistance case to heatsink T Mounting torque 10% to heatsink busbar wt Approximate weight Case style 0.1 5 Nm 3 110 (4) TO-240AA gr (oz) JEDEC 0.135 K/W Mounting surface flat, smooth and greased
A mounting compound is recommended and the torque should be rechecked after a period of 3 hours to allow for the spread of the compound
Per module, DC operation
R Conduction (per Junction)
(The following table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC)
Devices
IRK.105
Sine half wave conduction
180o 0.04 120o 0.05 90o 0.06 60o 0.08 30o 0.12 180o 0.03
Rect. wave conduction
120o 0.05 90o 0.06 60o 0.08 30o 0.12
Units
C/ W
www.irf.com
3
IRK.105 Series
Bulletin I27133 rev. H 10/02
Ordering Information Table
Device Code IRK.106 types With no auxiliary cathode
IRK
1 1 2 3 4 5 6 -
T
2
105
3
/
16
4
A
5
S90
6
Module type Circuit configuration (See Circuit Configuration table below) Current code * * Voltage code (See Voltage Ratings table) A : Gen V dv/dt code: S90 = dv/dt 1000 V/s No letter = dv/dt 500 Vs e.g. : IRKT106/16A etc. * * Available with no auxiliary cathode. To specify change: 105 to 106
Outline Table
Dimensions are in millimeters and [inches]
IRKT
(1) ~
IRKH
(1) ~
IRKL
(1) ~
IRKN
(1)
-
+ (2)
+ (2)
+ (2)
(2)
+
(3) G1 K1 (4) (5) K2 G2 (7) (6) G1 K1 (4) (5)
(3)
(3) K2 G2 (7) (6)
(3)
+
G1 K1 (4) (5)
NOTE: To order the Optional Hardware see Bulletin I27900 4 www.irf.com
IRK.105 Series
Bulletin I27133 rev. H 10/02
Maximum Allowable Case Temperature (C) IRK.105.. Series R thJC (DC) = 0.27 K/W
Maximum Allowable Case Temperature (C)
130 120 110
130 120 110
IRK.105.. Series R (DC) = 0.27 K/W
thJC
Conduction Angle
Conduction Period
100 90 80 70
100 90 80 70
30
60
30
90
120 180
60 90 120 180 DC
0
20
40
60
80
100
120
0
20
40
60
80 100 120 140 160 180
Average On-state Current (A)
Average On-state Current (A)
Fig. 1 - Current Ratings Characteristics
Maximum Average On-state Power Loss (W) 160 140 120 100 80 60 40 20 0 0 20 40 60
Conduction Angle
Fig. 2 - Current Ratings Characteristics
200 180 160 140 120
180 120 90 60 30 RMS Limit
Maximum Average On-state Power Loss (W)
DC 180 120 90 60 30
100 RMS Limit 80 60 40 20 0 0 20 40 60
Conduction Period
IRK.105.. Series Per Junction T J = 130C 80 100 120
IRK.105.. Series Per Junction T J = 130C 80 100 120 140 160 180
Average On-state Current (A)
Average On-state Current (A)
Fig. 3 - On-state Power Loss Characteristics
1600 1500 1400 1300 1200 1100 1000 900 800 700 1 IRK.105.. Series Per Junction 10 100 1800 1600 1400 1200 1000 800
Fig. 4 - On-state Power Loss Characteristics
Peak Half Sine Wave On-state Current (A)
Peak Half Sine Wave On-state Current (A)
At Any Rated Load Condition And With Rated V RRM Applied Following Surge. Initial T J= 130C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Control Of Conduction May Not Be Maintained. Initial TJ = 130C No Voltage Reapplied Rated V RRMReapplied
IRK.105.. Series Per Junction 0.1 Pulse Train Duration (s) 1
600 0.01
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
www.irf.com
5
IRK.105 Series
Bulletin I27133 rev. H 10/02
350
= SA R th
Maximum Total On-state Power Loss (W)
300
250
200 150
Conduction Angle
180 120 90 60 30
0.
0.5
0. 7 K
1K
2 0. W K/
3 K/ W
K/ W
1 0. K/ W -D el ta R
/W
100
50 0 IRK.105.. Series Per Module T J = 130C
/W
2 K /W
0
40
80
120
160
200
240 0
20
40
60
80
100
120
140
Total RMS Output Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 7 - On-state Power Loss Characteristics
600
A hS Rt
Maximum Total Power Loss (W)
500 400 300 200 100 0
180 (Sine) 180 (Rect)
= 0. 1 W K/
0. 2K /W
-D ta el R
0.
3K
/W
2 x IRK.105.. Series Single Phase Bridge Connected T J = 130C 0 40 80 120 160
0. 5 K/W 0.7 K/ W 1 K/W
2 K/W
200 0
20
40
60
80
100
120
140
Total Output Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 8 - On-state Power Loss Characteristics
900 Maximum Total Power Loss (W) 800 700 600 500 400 300 200 100 0 0 40 80 120 3 x IRK.105.. Series Three Phase Bridge Connected T J = 130C 160 200 240 120 (Rect)
R
SA th
=
0.
1
K/ W
-D
0. 2
el ta
K/ W
R
0.3
0 .5
K/W
K/ W
1 K/ W
0 280
20
40
60
80
100
120
140
Total Output Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 9 - On-state Power Loss Characteristics
6
www.irf.com
IRK.105 Series
Bulletin I27133 rev. H 10/02
1000 Instantaneous On-state Current (A)
100 T J= 25C 10 T J= 130C
IRK.105.. Series Per Junction 1 0 0.5 1 1.5 2 2.5 3 3.5
Instantaneous On-state Voltage (V)
Fig. 10 - On-state Voltage Drop Characteristics
Maximum Reverse Recovery Charge - Qrr (C) Maximum Reverse Recovery Current - Irr (A) 700 600 500
50 A
140 120 100 80 60 40 20 10 IRK.105.. Series T = 125 C
J I TM = 200 A 100 A 50 A 20 A 10 A
IRK.105.. Series T J= 125 C
I
TM
= 200 A 100 A
400 300 200 100 10
20 A 10 A
20
30
40
50
60
70
80
90 100
20
30
40
50
60
70
80
90 100
Rate Of Fall Of On-state Current - di/dt (A/s)
Rate Of Fall Of Forward Current - di/dt (A/s)
Fig. 11 - Recovery Charge Characteristics
1 Steady State Value: R thJC = 0.27 K/W (DC Operation)
Fig. 12 - Recovery Current Characteristics
Transient Thermal Impedance Z thJC (K/W)
0.1
IRK.105.. Series Per Junction
0.01 0.001
0.01
0.1 Square Wave Pulse Duration (s)
1
10
Fig. 13 - Thermal Impedance ZthJC Characteristics
www.irf.com
7
IRK.105 Series
Bulletin I27133 rev. H 10/02
100 Instantaneous Gate Voltage (V)
Rectangular gate pulse a)Recommended load line for rated di/dt: 20 V, 20 ohms tr = 0.5 s, tp >= 6 s b)Recommended load line for <= 30% rated di/dt: 15 V, 40 ohms 10 tr = 1 s, tp >= 6 s
(1) PGM = 200 W, tp = 300 s (2) PGM = 60 W, tp = 1 ms (3) PGM = 30 W, tp = 2 ms (4) PGM = 12 W, tp = 5 ms
(a)
TJ = -40 C
(b)
TJ = 25 C TJ = 125 C
1 VGD IGD 0.1 0.001 0.01
(4)
(3) (2)
(1)
IRK.105.. Series 0.1 1
Frequency Limited by PG(AV) 10 100 1000
Instantaneous Gate Current (A)
Fig. 14- Gate Characteristics
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 10/02
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRKH105-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X